PART |
Description |
Maker |
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
NTMD2C02R2 |
Power MOSFET 2 Amps / 20 Volts Power MOSFET 2 Amps, 20 Volts, Complimentary SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
NTP6N60-D NTP6N60/D |
Power MOSFET 6 Amps600 Volts Power MOSFET 6 Amps, 600 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
NTD4302 NTD4302T4 NTD4302-1 |
Power MOSFET 68 Amps / 30 Volts(N-Channel DPAK) Power MOSFET 68 Amps, 30 Volts(N−Channel DPAK) Power MOSFET 68 Amps, 30 Volts(N-Channel DPAK)
|
ONSEMI[ON Semiconductor]
|
NTP22N06L NTB22N06L NTP22N06L-D |
Power MOSFET 22 Amps, 60 Volts, Logic Level N-Channel TO-220 and D 2 PAK Power MOSFET 22Amps, 60 Volts,Logic Level N-Channel TO-220(22A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 22 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
NTD18N06-1G NTD18N06L-001 NTD18N06G |
Power MOSFET 18 Amps, 60 Volts 18 A, 60 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, CASE 369D-01, DPAK-3
|
ON Semiconductor
|
NTMS5P02R206 NTMS5P02R2G NTMS5P02R2 |
Power MOSFET -5.4 Amps, -20 Volts 3950 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ONSEMI[ON Semiconductor]
|
NTTD1P02R2G NTTD1P02R206 NTTD1P02R2 |
Power MOSFET -1.45 Amps, -20 Volts
|
ONSEMI[ON Semiconductor]
|
NVF3055-100T1G |
Power MOSFET 3.0 Amps, 60 Volts
|
ON Semiconductor
|
NTD15N06 NTD15N06T4 NTD15N06-1 NTD15N06-001 |
Power MOSFET 15 Amps, 60 Volts Power MOSFET 15 Amps / 60 Volts
|
ONSEMI[ON Semiconductor]
|
|